Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT234XD-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
24
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
7.2 USB to RS485 Coverter
TXD
RXD
C8
0.1uF
GND
RE
2
DE
3
DI
4
VCC
8
RO
1
6
7
GND
5
D
R
U2
ZT485EEN
GND
Data +
Data -
TXDEN
GND
VBUS
C4
10nF
C3
0.1uF
C1
4.7uF
GND
GND
FB1
600R/0.5A
VBUS
1
D-
2
D+
3
GND
4
CN1
USB
C5
47pF
C6
47pF
GND
GND
C2
0.1uF
RXD
10
USBDP
12
USBDM
1
3V3OUT
3
RESET#
2
CBUS0
6
TXD
7
CTS#
11
RTS#
8
U1
FT234XD
R1
10k
C7
10nF
GND
GND
R3
27R
R2
27R
Figure 7.2 Application Example Showing USB to RS485 Converter
An example of using the FT234XD as a USB to RS485 converter is shown in Figure 7.2. In this
application, a 3V3-TTL to RS485 level converter IC is used on the serial UART interface of the FT234XD to
convert the TTL levels of the FT234XD to RS485 levels.
This example uses the Zywyn ZT485EEN device. Equivalent devices are available from Maxim and
Analogue Devices. The ZT485EEN is a RS485 device in a compact 8 pin SOP package. It has separate
enables on both the transmitter and receiver. With RS485, the transmitter is only enabled when a
character is being transmitted from the UART
The TXDEN signal CBUS pin option on the FT234XD is provided for exactly this purpose and so the
transmitter enable is wired to CBUS which has been configured as TXDEN. Note that the TXDEN is
activated 1 bit period before the start bit. TXDEN is deactivated at the same time as the stop bit. This is
not configurable.
RS485 is a multi-drop network; so many devices can communicate with each other over a two wire cable
interface. The RS485 cable requires to be terminated at each end of the cable. A link (which provides the
120Ω termination) allows the cable to be terminated if the ZT3485 is physically positioned at either end
of the cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com