Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT234XD-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
27
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
When connected to a USB compliant dedicated charging port (DCP, as opposed to a standard USB host)
the device USB signals will be shorted together and the device suspended. The BCD charger signal will
bring the LTC4053 out of suspend and allow battery charging to start. The charge current in the example
above is 1A as defined by the resistance on the PROG pin.
To calculate the equivalent resistance on the PROG pin select a charge current, then Res = 1500V/Ichg
For more configuration options of the LTC4053 refer to:
AN_175_Battery Charging Over USB
Note: If the FT234XD is connected to a standard host port such that the device is enumerated the battery
charge detection signal is inactive as the device will not be in suspend.
7.5 LED Interface
The CBUS0 I/O pin can be configured to drive an LED. The FT234XD has 3 configuration options for
driving LEDs from the CBUS. These are TXLED#, RXLED#, and TX&RXLED#. Refer to Section 3.2 for
configuration options.
FT234XD
CBUS0
VCCIO
270R
TX &
RXLED#
Figure 7.5 Single LED Configuration
An example of using the FT234XD to drive an LED is shown in Figure 7.57. In this example the CBUS0 pin
is used to indicate when data is being transmitted or received by the device (TX&RXLED). In this
configuration the FT234XD will drive only a single LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com