Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 31 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 31 Page - Future Technology Devices International Ltd.

Back Button FT234XD-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 35Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
31
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
9 Package Parameters
The FT234XD is available in a DFN-12 package. The solder reflow profile is described in Section 9.2.
9.1 DFN-12 Package Mechanical Dimensions
Figure 9.1 DFN-12 Package Dimensions
The FT234XD is supplied in a RoHS compliant leadless DFN-12 package. The package is lead (Pb) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 3.00mm x 3.00mm. The solder pads are on a 0.45mm pitch. The above
mechanical drawing shows the DFN-12 package. Refer to the WDFN column in Figure 9.13.
All
dimensions are in millimetres.
The centre pad on the base of the FT234XD is internally connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com