Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT234XD-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
1
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
Future Technology
Devices International
Ltd.
FT234XD
(USB to BASIC UART IC)
The FT234XD is a USB to serial UART
interface with optimised packaging (3mm
x 3mm 12 pin DFN) for smaller PCB
designs and the following advanced
features:
Single chip USB to asynchronous serial data
transfer interface.
Entire USB protocol handled on the chip. No USB
specific firmware programming required.
Fully
integrated
2048
byte
multi-time-
programmable (MTP) memory, storing device
descriptors and CBUS I/O configuration.
Fully integrated clock generation with no external
crystal required plus optional clock output selection
enabling a glue-less interface to external MCU or
FPGA.
Data transfer rates from 300 baud to 3 Mbaud
(RS422, RS485, and RS232) at TTL levels.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the requirement
for USB driver development in most cases.
Configurable CBUS I/O pin.
Transmit and receive LED drive signals.
UART interface support for 7 or 8 data bits, 1 or 2
stop bits and odd / even / mark / space / no parity
Synchronous and asynchronous bit bang interface
options with RD# and WR# strobes.
USB Battery Charging Detection. Allows for USB
peripheral devices to detect the presence of a
higher
power
source
to
enable
improved
charging.
Device supplied pre-programmed with unique
USB serial number.
USB Power Configurations; supports bus- powered,
self-powered and bus-powered with power switching
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
Operates down to 1V8 with external pull ups.
Tolerant of 5V input.
Configurable I/O pin output drive strength;
4 mA (min) and 16 mA (max).
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
UART signal inversion option.
+ 5V Single Supply Operation.
Internal 3.3V/1.8V LDO regulators
Low operating and USB suspend current;
8mA (active-typ) and 70uA (suspend-typ).
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40 to
85⁰C.
Available in compact Pb-free 12 pin DFN package
(3mm x 3mm) RoHS compliant.
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced in any material or electronic form
without the prior written consent of the copyright holder. This product and its documentation are supplied on an as-is basis and no warranty as to their suitability for any
particular purpose is either made or implied. Future Technology Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure
of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of
the product might reasonably be expected to result in personal injury. This document provides preliminary information that may be subject to change without notice. No
freedom to use patents or other intellectual property rights is implied by the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward
Place, Centurion Business Park, Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT234XD-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT234XD-X FTDI-FT234XD-X Datasheet
695Kb / 37P
The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
More results

Similar Description - FT234XD-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
USB UART IC
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
UMFT230XA USB to Basic UART Development Module
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
USB UART IC
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com