Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT234XD-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT234XD-R
Description  USB to BASIC UART IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT234XD-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT234XD-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
29
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
Parameter
Value
Notes
Enable
CBUS Drive Current
Strength
4mA
Options are 4mA, 8mA, 12mA, 16mA
CBUS slew rate
Slow
Options are slow or fast
CBUS Schmitt Trigger
Enable
Normal
Options are normal or Schmitt
Load VCP Driver
Enabled**
Makes the device load the VCP driver interface for
the device.
CBUS0
TXDEN
Default configuration of CBUS0 – Transmit data
enable for RS485
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Table 8.1 Default Internal MTP Memory Configuration
8.2 Methods of Programming the MTP Memory
8.2.1 Programming the MTP memory over USB
The MTP memory on all FT-X devices can be programmed over USB. This method is the same as for the
EEPROM on other FTDI devices such as the FT232R. No additional hardware, connections or programming
voltages are required. The device is simply connected to the host computer in the same way that it would
be for normal applications, and the FT_Prog utility is used to set the required options and program the
device.
The FT_Prog utility is provided free-of-charge from the FTDI website, and can be found at the link below.
The user guide is also available at this link.
http://www.ftdichip.com/Support/Utilities.htm#FT_Prog
Additionally, D2XX commands can be used to program the MTP memory from within user applications.
For more information on the commands available, please see the D2XX Programmers Guide below.
http://www.ftdichip.com/Support/Documents/ProgramGuides/D2XX_Programmer's_Guide(FT_000071).p
df



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com