Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
12
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
3.6 FT240X FIFO READ Timing Diagrams
Figure 3.3 FIFO Read Cycle
Time
Description
Minimum
Maximum Unit
T1
RD# Active Pulse Width
50
-
ns
T2
RD# to RD# Pre-Charge Time
50 + T6
-
ns
T3
RD# Active to Valid Data*
20
50
ns
T4
Valid Data Hold Time from RD#
Inactive*
0
-
ns
T5
RD# Inactive to RXF#
0
25
ns
T6
RXF# Inactive After RD Cycle
80
-
ns
Table 3.10 FIFO Read Cycle Timings
*Load = 30pF
RXF#
RD#
D[7...0]
T3
T1
T5
T6
T2
T4
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com