Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 30Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
26
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
7.2 Battery Charge Detection
A recent addition to the USB specification (http://www.usb.org/developers/devclass_docs/BCv1.2_011912.zip)
is to allow for additional charging profiles to be used for charging batteries in portable devices. These
charging profiles do not enumerate the USB port of the peripheral. The FT240X device will detect that a
USB compliant dedicated charging port (DCP) is connected. Once detected while in suspend mode a
battery charge detection signal is provided to allow external logic to switch to charging mode as opposed
to operation mode.
X-Chip Pin
Function
EEPROM Setting
CBUS0
BCD
Battery Options
Battery Charger Enable
Force Power Enable
De-acticate Sleep
X
GND
GND
0.1uF
0.1uF
GND
GND
600R/2A
10nF
VBUS
3V3OUT
0.1uF
0R
GND
SLD
GND
27R
27R
VBUS
1
D-
2
D+
3
GND
5
ID
4
CN USB
VCC
2
FAULT
3
TIMER
4
GND
5
NTC
6
PROG
7
SHDN
8
BAT
9
ACPR
10
CHRG
1
LTC4053EDD
GND
3V3OUT
3V3OUT
4.7uF
0.1uF
GND
VBUS
VBUS
GND
VBATT
GND
GND
1K5
GND
1
TB3.5mm
VBUS
VBUS
NTC
0.1uF
GND
VBUS
1uF
1R
GND
VBUS
BCD
2K2
GND
JP1
1-2
2-3
NCT Enabled
NCT Available
JP1
SIP-3
NTC
GND
NCT Disabled (Default)
JUMPER-2mm
4K32 1%
DP
DM
3V3OUT
RESET#
CBUS0
FT240X
BCD
1A when connected to a dedicated charger port
0A when enumerated
0A when in sleep
0A when not enumerated and not in sleep
+
-
NCT
N.F.
Figure 7.2 USB Battery Charging Detection (1 pin)
To use the FT240X with battery charging detection the CBUS pins must be reprogrammed to allow for the
BCD Charger output to switch the external charger circuitry on. The CBUS pins are configured in the
internal MTP memory with the free utility FTPROG. If the charging circuitry requires an active low signal
to enable it, the CBUS pin can be programmed to BCD Charger# as an alternative.
When connected to a USB compliant dedicated charging port (DCP, as opposed to a standard USB host)
the device USB signals will be shorted together and the device suspended. The BCD charger signal will
bring the LTC4053 out of suspend and allow battery charging to start. The charge current in the example
above is 1A as defined by the resistance on the PROG pin.
Alternatively the PWREN# And SLEEP pins may be used to control the LTC4053 such that a battery may
be charged from a standard host (low current) or from a dedicated charging port (high current). In such
a design as shown above the charge current would need to be limited to 0.4A to ensure that the USB
host power limit is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com