Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT240XS-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
Future Technology
Devices International Ltd.
FT240X
(USB 8-BIT FIFO IC)
The FT240X is a USB to parallel FIFO
interface with the following advanced
features:
Single chip USB to parallel FIFO bidirectional
data transfer interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully integrated 2048 byte multi-time-
programmable (MTP) memory, storing device
descriptors and FIFO I/O configuration.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling glue-less interface to
external MCU or FPGA.
Data transfer rates up to 1Mbyte / second.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the
requirement for USB driver development in
most cases.
Configurable FIFO interface I/O pins.
Synchronous and asynchronous bit bang
interface options.
USB Battery Charger Detection. Allows for USB
peripheral devices to detect the presence of a higher
power source to enable improved charging.
Device supplied pre-programmed with unique USB
serial number.
USB Power Configurations; supports bus- powered,
self-powered and bus-powered with power
switching.
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
operates down to 1V8 with external pull-ups.
Tolerant of 5V input.
Configurable I/O pin output drive strength; 4
mA(min) and 16 mA(max).
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no external
filtering required.
+5V Single Supply Operation.
Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA
(active-typ) and 125uA (suspend-typ).
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed capable.
Extended operating temperature range; -40 to 85⁰C.
Available in compact Pb-free 24 Pin SSOP and QFN-
24 packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park,
Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT240XS-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT240XS ETC2-FT240XS Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results

Similar Description - FT240XS-R

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5838AS NPC-SM5838AS Datasheet
160Kb / 14P
5120 X 8-bit Synchronous FIFO
logo
Future Technology Devic...
FT8U245AM FTDI-FT8U245AM Datasheet
46Kb / 15P
USB FIFO - Fast Parallel Data Transfer IC
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
1152*8-BIT LINE MEMORY(FIFO)
logo
Future Technology Devic...
FT245R FTDI-FT245R_10 Datasheet
772Kb / 37P
USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
Dual High Speed USB to Multipurpose UART/FIFO IC
logo
List of Unclassifed Man...
FT245RQ-REEL ETC2-FT245RQ-REEL Datasheet
778Kb / 37P
Future Technology Devices International Ltd. FT245R USB FIFO IC
logo
Future Technology Devic...
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
FT245R USB FIFO IC
UMFT240XE FTDI-UMFT240XE Datasheet
813Kb / 18P
UMFT240XE USB to 8-bit 245 FIFO Development Module
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
Dual High Speed USB to Multipurpose UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com