Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 40Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
38
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
Appendix B - List of Figures and Tables
List of Figures
Figure 2.1 FT240X Block Diagram ...................................................................................................4
Figure 3.1 SSOP Package Pin Out and Schematic Symbol...................................................................7
Figure 3.2 QFN-24 Package Pin Out and schematic symbol ................................................................9
Figure 3.3 FIFO Read Cycle .......................................................................................................... 12
Figure 3.4 FIFO Write Cycle ......................................................................................................... 13
Figure 6.1 Bus Powered Configuration ........................................................................................... 22
Figure 6.2 Self Powered Configuration ........................................................................................... 23
Figure 6.3 illustrates a self powered design which has a +3.3V to +5.25V supply. .............................. 23
Figure 6.4 Bus Powered with Power Switching Configuration ............................................................ 24
Figure 7.1 USB to MCU FIFO Interface ........................................................................................... 25
Figure 7.2 USB Battery Charging Detection (1 pin).......................................................................... 26
Figure 7.3 USB Battery Charging Detection (2 pin).......................................................................... 27
Figure 8.1: Simplified memory map for the FT-X ............................................................................ 30
Figure 9.1 SSOP-24 Package Dimensions ....................................................................................... 31
Figure 9.2 SSOP-24 Package Markings .......................................................................................... 32
Figure 9.3 QFN-24 Package Dimensions......................................................................................... 33
Figure 9.4 QFN-24 Package Markings ............................................................................................ 34
Figure 9.5 FT240X Solder Reflow Profile......................................................................................... 35
List of Tables
Table 3.1 USB Interface Group .......................................................................................................7
Table 3.2 Power and Ground Group.................................................................................................7
Table 3.3 Miscellaneous Signal Group ..............................................................................................8
Table 3.4 FIFO Interface Group (see note 2) ....................................................................................8
Table 3.5 USB Interface Group .......................................................................................................9
Table 3.6 Power and Ground Group.................................................................................................9
Table 3.7 Miscellaneous Signal Group ............................................................................................ 10
Table 3.8 FIFO Interface Group (see note 2) .................................................................................. 10
Table 3.9 CBUS Configuration Control ........................................................................................... 11
Table 3.10 FIFO Read Cycle Timings ............................................................................................. 12
Table 3.11 FIFO Write Cycle ......................................................................................................... 13
Table 5.1 Absolute Maximum Ratings ............................................................................................ 16
Table 5.2 ESD and Latch-Up Specifications .................................................................................... 16
Table 5.3 Operating Voltage and Current ....................................................................................... 17
Table 5.4 FIFO I/O Pin Characteristics VCCIO = +3.3V, (except USB PHY pins) .................................. 18
Table 5.5 FIFO I/O Pin Characteristics VCCIO = +2.5V, (except USB PHY pins) .................................. 19
Table 5.6 FIFO I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins) ................................... 20
Table 5.7 USB I/O Pin (USBDP, USBDM) Characteristics .................................................................. 21
Table 5.8 MTP Memory Characteristics........................................................................................... 21
Table 5.9 Internal Clock Characteristics ......................................................................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com