Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
9
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
3.3 QFN-24 Package
DATA7
2
DATA4
22
DATA5
4
DATA2
23
DATA3
6
SI/WU#
7
RD#
8
WR#
9
USBDP
10
USBDM
11
3V3OUT
12
RESET#
13
TXE#
17
RXF#
18
CBUS5
20
CBUS6
19
DATA0
21
DATA6
5
DATA1
1
Figure 3.2 QFN-24 Package Pin Out and schematic symbol
3.4 QFN-24 Package Signal Description
Note: The convention used throughout this document for active low signals is the signal name followed by
a #
Pin No.
Name
Type
Description
10
USBDP
I/O
USB Data Signal Plus, incorporating 1.5kΩ pull up resistor to 3.3V.
11
USBDM
I/O
USB Data Signal Minus.
Table 3.5 USB Interface Group
Pin No.
Name
Type
Description
24
VCCIO
PWR
1V8 - 3V3 supply for the IO cells
3, 16
GND
PWR
Device ground supply pins
12
**
3V3OUT
Output
3V3 output at 50mA. May be used to power VCCIO.
When VCC is 3V3; pin 12 is an input pin and should be connected to
pin 15.
15
**
VCC
PWR
+5V (or 3V3) supply to the device core.
14
VCORE
PWR
+1V8 Output. May be left unterminated
Table 3.6 Power and Ground Group
*Pin 25 is the centre pad on package base. Connect to GND.
**If VCC is 3V3 then 3V3OUT must also be driven with 3V3 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com