Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
33
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
9.3 QFN-24 Package Mechanical Dimensions
Figure 9.3 QFN-24 Package Dimensions
The FT240XQ is supplied in a RoHS compliant leadless QFN-24 package - WQFN(X424), with pad size
114x114. The package is lead ( Pb ) free, and uses a ‘green’ compound. The package is fully compliant
with European Union directive 2002/95/EC.
This package is nominally 4.0mm x 4.0mm. The solder pads are on a 0.50mm pitch. The above
mechanical drawing shows the QFN-24 package. All dimensions are in millimetres.
The centre pad on the base of the FT240XQ is internally connected to GND, and the PCB should not have
tracking on the top layer in this area.
The date code format is YYXX where XX = 2 digit week number, YY = 2 digit year number.
The code XXXXXXX is the manufacturing LOT code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com