Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
22
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
6 USB Power Configurations
The following sections illustrate possible USB power configurations for the FT240X. The illustrations have
omitted pin numbers for ease of understanding since the pins differ between the FT240XS and FT240XQ
package options.
All USB power configurations illustrated apply to both package options for the FT240X device. Please refer
to Section 0 for the package option pin-out and signal descriptions.
6.1 USB Bus Powered Configuration
FT240X
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC
RESET#
100nF
100nF
10nF
4.7uF
+
27R
27R
GND
47pF
47pF
Figure 6.1 Bus Powered Configuration
Figure 6.1 illustrates the FT240X in a typical USB bus powered design configuration. A USB bus powered
device gets its power from the USB bus. Basic rules for USB bus power devices are as follows –
i)
On plug-in to USB, the device should draw no more current than 100mA.
ii)
In USB Suspend mode the device should draw no more than 2.5mA.
iii)
A bus powered high power USB device (one that draws more than 100mA) should use the
PWREN# to keep the current below 100mA on plug-in and 2.5mA on USB suspend.
iv)
A device that consumes more than 100mA cannot be plugged into a USB bus powered hub.
v)
No device can draw more than 500mA from the USB bus.
The power descriptors in the internal MTP memory of the FT240X should be programmed to match the
current drawn by the device.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT240X and
associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite Bead
depends on the total current drawn by the application. A suitable range of Ferrite Beads is available from
Steward (www.steward.com), for example Steward Part # MI0805K601R-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com