Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XS-R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT240XS-R
Description  USB 8-BIT FIFO IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT240XS-R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT240XS-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT240XS-R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
7
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
3 Device Pin Out and Signal Description
3.1 24-LD SSOP Package
DATA1
4
DATA7
5
DATA5
7
DATA6
8
DATA3
9
SI/WU#
10
RD#
11
WR#
12
USBDP
13
USBDM
14
3V3OUT
15
RESET#
16
TXE#
20
RXF#
21
CBUS6
22
CBUS5
23
DATA0
24
DATA4
1
DATA2
2
Figure 3.1 SSOP Package Pin Out and Schematic Symbol
3.2 SSOP Package Pin Out Description
Note: The convention used throughout this document for active low signals is the signal name followed by
a #
Pin No.
Name
Type
Description
13
USBDP
I/O
USB Data Signal Plus, incorporating 1.5kΩ pull up resistor to 3.3V.
14
USBDM
I/O
USB Data Signal Minus.
Table 3.1 USB Interface Group
Pin No.
Name
Type
Description
3
VCCIO
PWR
1V8 - 3V3 supply for the IO cells
6, 19
GND
PWR
Device ground supply pins
15
**
3V3OUT
Output
3V3 output at 50mA. May be used to power VCCIO.
When VCC is 3V3; pin 15 is an input pin and should be connected to pin
18.
18
**
VCC
PWR
+5V (or 3V3) supply to the device core.
17
VCORE
PWR
+1V8 Output. May be left unterminated
Table 3.2 Power and Ground Group
** If VCC is 3V3 then 3V3OUT must also be driven with 3V3 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com