Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button IOBUS0 Datasheet HTML 7Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 8Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 9Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 10Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 11Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 12Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 13Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 14Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
11
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.5 Pin Out - 64 pin LQFP
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
51
52
53
54
55
56
57
58
59
60
61
62
GND Core
IO BUS32
IO BUS33
IO BUS34
IO BUS41
IO BUS40
IO BUS39
IO BUS38
IO BUS37
IO BUS36
IO BUS35
VCCIO 3.3V
GND IO
IO BUS11
IO BUS12
IO BUS13
IO BUS14
IO BUS15
IO BUS16
IO BUS17
49
50
63
IO BUS6
IO BUS7
IO BUS8
IO BUS9
VCCIO 3.3V
IO BUS10
IO BUS18
IO BUS19
IO BUS30
IO BUS31
IO BUS43
IO BUS42
FTDI
XXXXXXXXXX
VNC2-64L1A
YYWW
64
Figure 3.5 64 Pin LQFP – Top Down View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com