Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button IOBUS0 Datasheet HTML 10Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 11Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 12Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 13Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 14Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 15Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 16Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 17Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
14
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.8 VNC2 Schematic symbol 48 Pin
V
C
C
I
O
V
C
C
I
O
V
C
C
I
O
26
25
8
USB1DP
USB1DM
RESET#
PROG#
VREG OUT
NC
USB2DP
USB2DM
4
5
XTIN
XTOUT
VNC2
48 Pin
7
10
9
29
28
40 30 17
2
3
N
G
N
D
G
N
D
G
D
G
N
D
39
27
24
6
11
12
13
14
IOBUS0
IOBUS1
IOBUS2
IOBUS3
15
16
18
19
IOBUS7
IOBUS6
IOBUS5
IOBUS4
20
21
22
23
IOBUS8
IOBUS9
IOBUS10
IOBUS11
31
32
33
34
IOBUS15
IOBUS14
IOBUS13
IOBUS12
35
36
37
38
IOBUS16
IOBUS17
IOBUS18
IOBUS19
41
42
43
44
IOBUS23
IOBUS22
IOBUS21
IOBUS20
45
46
47
IOBUS24
IOBUS25
IOBUS26
IOBUS27
48
L
P
L
G
N
D
1
V
R
E
G
I
N
V
C
C
P
L
L
I
N
Figure 3.8 Schematic Symbol 48 Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com