Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  IOBUS0 Datasheet HTML 1Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 2Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 3Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 4Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 5Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 6Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 7Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 8Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
4
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Table of Contents
1
Typical Applications................................................................... 2
1.1
Part Numbers...........................................................................................2
1.2
USB Compliant .........................................................................................2
2
VNC2 Block Diagram.................................................................. 3
3
Device Pin Out and Signal Description Summary ......................... 7
3.1
Pin Out - 32 pin LQFP .............................................................................7
3.2
Pin Out - 32 pin QFN...............................................................................8
3.3
Pin Out - 48 pin LQFP ..............................................................................9
3.4
Pin Out - 48 pin QFN.............................................................................10
3.5
Pin Out - 64 pin LQFP ...........................................................................11
3.6
Pin Out - 64 pin QFN.............................................................................12
3.7
VNC2 Schematic symbol 32 Pin ............................................................13
3.8
VNC2 Schematic symbol 48 Pin ............................................................14
3.9
VNC2 Schematic symbol 64 Pin ............................................................15
3.10
Pin Configuration USB and Power ......................................................16
3.11
Miscellaneous Signals .........................................................................17
3.12
Pin Configuration Input / Output ......................................................18
4
Function Description.................................................................21
4.1
Key Features ..........................................................................................21
4.2
Functional Block Descriptions ...............................................................21
4.2.1
Embedded CPU .................................................................................................................. 21
4.2.2
Flash Module...................................................................................................................... 21
4.2.3
Flash Programming Module ................................................................................................ 21
4.2.4
Input / Output Multiplexer Module...................................................................................... 22
4.2.5
Peripheral DMA Modules 0, 1, 2 & 3.................................................................................... 23
4.2.6
RAM Module....................................................................................................................... 23
4.2.7
Peripheral Interface Modules .............................................................................................. 23
4.2.8
USB Transceivers 0 and 1 .................................................................................................. 23
4.2.9
USB Host / Device Controllers ............................................................................................ 23
4.2.10
12MHz Oscillator ............................................................................................................ 23
4.2.11
Power Saving Modes and Standby mode......................................................................... 23
5
I/O Multiplexer ........................................................................24
5.1
I/O Peripherals Signal Names ..............................................................29
5.2
I/O Multiplexer Configuration ..............................................................30
5.3
I/O Mux Group 0....................................................................................31
5.4
I/O Mux Group 1....................................................................................32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com