Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 67 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 67 Page - Future Technology Devices International Ltd.

Back Button IOBUS0 Datasheet HTML 63Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 64Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 65Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 66Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 67Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 68Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 69Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 70Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 71Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
67
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
8.4 Precompiled Firmware
VNC2 can be programmed with various pre-compiled firmware profiles to allow a designer to easily
change the functionality of the chip.
The following pre-compiled ROM files are currently available:
V2DAP firmware: USB Host for single Flash Disk and general purpose USB peripherals.
Selectable UART, FIFO or SPI interface command monitor. Offers a migration path from VNC1L
designs with VDAP firmware.
V2DPS firmware: USB Host for single Flash Disk and general purpose USB peripherals and USB
peripheral emulating a FT232 on a Host computer. Offers a migration path for VNC1L designs
with VDPS.
V2F2F firmware: USB Host for two Flash Disks with file copy functions. Offers a migration path
for VNC1L designs with VF2F firmware.
CDC Modem Sample Application: Demonstrates connection of a CDC device to USB Port 1 by
establishing a link between the CDC device and the UART of the VNC2.
USBHost FT232 UART Echo Sample Application: Demonstrates emulation of a FTDI FT232
device on USB Port 1. Data is looped back.
Designers are advised to refer to the FTDI website for the most current details on available Firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com