Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  IOBUS0 Datasheet HTML 1Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 2Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 3Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 4Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 5Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 6Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 7Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 8Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
2
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
1 Typical Applications
Add USB host capability to embedded
products
Interface USB Flash drive to
MCU/PLD/FPGA – data storage and
firmware updates
USB Flash drive data storage or firmware
updates
USB Flash drive to USB Flash drive file
transfer interface
Digital camera to USB Flash drive*
PDA to USB Flash drive*
MP3 Player to USB Flash drive or other USB
slave device interface
OSI Wireless Interface
USB wireless process controller
Telecom system calls logging to replace
printer log
Data logging
Mobile phone to USB Flash drive*
GPS to mobile phone interface
Instrumentation USB Flash drive*
Data-logger USB Flash drive*
Set Top Box - USB device interface
GPS tracker with USB Flash disk storage
USB webcam
Flash drive to SD Card data transfer
Vending machine connectivity
TLM Serial converter
Geotagging of photos – GPS location linked
to image
Motorcycle system telemetry logging
Medical systems
PWM applications for motor control
applications e.g. Toys
FPGA Interfacing
* Or similar USB slave device interface e.g. USB external drive.
1.1 Part Numbers
Part Number
Package
VNC2-64L
64 Pin LQFP
VNC2-64Q
64 Pin QFN
VNC2-48L
48 Pin LQFP
VNC2-48Q
48 Pin QFN
VNC2-32L
32 Pin LQFP
VNC2-32Q
32 Pin QFN
Table 1.1 Part Numbers
Please refer to section 11 for all package mechanical parameters.
1.2 USB Compliant
At time of writing this data sheet, VNC2 has not completed USB compliancy testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com