Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button IOBUS0 Datasheet HTML 12Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 13Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 14Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 15Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 16Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 17Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 18Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 19Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
16
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.10 Pin Configuration USB and Power
Pin No
Name
Type
Description
64 pin
48 pin
32 pin
33
25
17
USB1DP
I/O
USB host/slave port 1 - USB Data Signal Plus with
integrated pull-up/pull-down resistor.
34
26
18
USB1DM
I/O
USB host/slave port 1 - USB Data Signal Minus with
integrated pull-up/pull-down resistor.
36
28
20
USB2DP
I/O
USB host/slave port 2 - USB Data Signal Plus with
integrated pull-up/pull-down resistor.
37
29
21
USB2DM
I/O
USB host/slave port 2 - USB Data Signal Minus with
integrated pull-up/pull-down resistor.
Table 3.1 USB Interface Group
Pin No
Name
Type
Description
64 pin
48 pin
32 pin
1, 30,
35, 53
1, 24,
27, 39
1, 16,
19, 27
GND
PWR
Device ground supply pins.
2
2
2
3.3V
VREGIN
PWR
+3.3V supply to the regulator.
3
3*
3
1.8V
VCC PLL
IN
PWR
+1.8V supply to the internal clock multiplier. This pin
requires a 100nF decoupling capacitor.
* 48 pin LQFP package only – This power input is internally
connected to VREG_OUT.
All other packages need this pin connected to a 1.8V power
source. Most common applications will connect this to
VREG_OUT.
6
6
6
GND PLL
PWR
Device analogue ground supply for internal clock multiplier.
7
7*
7
VREG
OUT
Output
1.8V output from regulator to device core
* N/C on 48 pin LQFP package only.
All other packages will typically need to connect pins 7 and
3.
21, 38,
54
17, 30,
40
13, 22,
28
VCCIO
PWR
+3.3V supply to the input / output. Interface pins
(IOBUS). Leaving the VCCIO unconnected will lead to
unpredictable operation on the interface pins.
Table 3.2 Power and Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com