Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 52 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 52 Page - Future Technology Devices International Ltd.

Back Button IOBUS0 Datasheet HTML 48Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 49Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 50Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 51Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 52Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 53Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 54Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 55Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 56Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
52
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Figure 6.18 SPI Slave Mode Data Write
6.3.6.4 SPI Master Status Read Transaction in VNC1L legacy mode
The VNC2 has a status byte which determines the state of the Receive and Transmit Buffers. The SPI
master must poll VNC2 and read the status byte.
The Start and Setup sequence is sent to VNC2 by the SPI master, see Figure 6.19. The VNC2 clocks out
its status byte on subsequent rising edge clock cycles from the SPI master. This is followed by a status
bit generated by VNC2 (also on the MISO) which will always be zero (indicating new data).
The meaning of the bits within the status byte sent by VNC2 during a Status Read operation is described
in Table 6.12. The result of the Status Read transaction is only valid during the transaction itself. Data
read and data write transactions must still check the status bit during a Data Read or Data Write cycle
regardless of the result of a Status Read operation.
Bit
Description
Description
0
RXF#
Receive Buffer Full
1
TXE#
Transmit Buffer Empty
2
-
Not used
3
-
Not used
4
RXF IRQEn
Receive Buffer Full Interrupt Enable
5
TXE IRQEn
Transmit Buffer Empty Interrupt Enable
6
-
Not used
7
-
Not used
Table 6.12 SPI Status Read Byte – bit descriptions
Figure 6.19 SPI Slave Mode Status Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com