Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOBUS0 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # IOBUS0
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

IOBUS0 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  IOBUS0 Datasheet HTML 1Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 2Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 3Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 4Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 5Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 6Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 7Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 8Page - Future Technology Devices International Ltd. IOBUS0 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
1
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Future Technology
Devices International Ltd
Vinculum-II
Embedded Dual USB Host
Controller IC
Vinculum-II is FTDI’s 2nd generation of USB Host
device. The CPU has been upgraded from the
previous VNC1L device, dramatically increasing the
processing power. The IC architecture has been
designed to take care of most of the general USB
data transfers, thus freeing up processing power
for user applications. Flash and RAM memory have
been increased providing larger user areas of
memory for the designer to incorporate his own
code. The designers also have the ability to create
their own firmware using the new suite of software
development tools.
VNC2 has the following advanced features:
Embedded processor core
16 bit Harvard architecture
Two full-speed or low-speed USB 2.0
interfaces capable of host or slave
functions
256kbytes on-chip E-Flash Memory
(128k x 16-bits)
16kbytes on-chip Data RAM (4k x 32-
bits
Programmable UART up to 6Mbaud
Two SPI (Serial Peripheral) slave
interfaces and one SPI master
interface
Reduced power modes capability
Variable instruction length
Native support for 8, 16 and 32 bit
data types
Eight bit wide FIFO Interface
Firmware upgrades via UART, SPI, and
FIFO interface
12MHz oscillator using external crystal
General-purpose timers
+3.3V single supply operation with 5V
safe inputs
Software development suite of tools to
create customised firmware. Compiler
Linker – Debugger – IDE
Available in six RoHS compliant
packages - 32 LQFP, 32 QFN, 48 LQFP,
48 QFN, 64 LQFP and 64 QFN
VNC2-48L1 package option compatible
with VNC1L-1A
44 configurable I/O pins on the 64 pin
device, 28 I/O pins on the 48 pin
device and 12 I/O on the 32 pin device
using the I/O multiplexer
-40°C to +85°C extended operating
temperature range
Simultaneous multiple file access on
BOMS devices
Eight Pulse Width Modulation outputs
to allow connectivity with motor
control applications
Debugger interface module
System Suspend Modes
Use of FTDI devices in life support and/or safety applications is entirely at the user’s risk, and the user agrees to
defend, indemnify and hold harmless FTDI from any and all damages, claims, suits or expense resulting from such
use.


Similar Description - IOBUS0

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
Embedded USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
Vinculum VNC1L Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VINCULUM-II FTDI-VINCULUM-II Datasheet
2Mb / 88P
Future Technology Devices International Ltd Vinculum-II Embedded Dual USB Host Controller IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com