Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 135Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 136Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 137Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 138Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 139Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 195 page
background image
138
AT89C51CC03
4182I–CAN–06/05
Figure 66. SPI Interrupt Requests Generation
Registers
Three registers in the SPI module provide control, status and data storage functions.
These registers are describe in the following paragraphs.
Serial Peripheral Control
Register (SPCON)
•
The Serial Peripheral Control Register does the following:
•
Selects one of the Master clock rates
•
Configure the SPI Module as Master or Slave
•
Selects serial clock polarity and phase
•
Enables the SPI Module
•
Frees the SS pin for a general-purpose
Table 92 describes this register and explains the use of each bit
Table 92. SPCON Register
SPCON - Serial Peripheral Control Register (0D4H)
SPI
CPU Interrupt Request
SPIF
SPTEIE
SPTE
MODF
MODFIE
76
543
210
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit Number
Bit Mnemonic
Description
7
SPR2
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate (See bits SPR1 and
SPR0 for detail).
6
SPEN
Serial Peripheral Enable
Cleared to disable the SPI interface (internal reset of the SPI).
Set to enable the SPI interface.
5
SSDIS
SS Disable
Cleared to enable SS in both Master and Slave modes.
Set to disable SS in both Master and Slave modes. In Slave mode,
this bit has no effect if CPHA =’0’. When SSDIS is set, no MODF
interrupt request is generated
.
4MSTR
Serial Peripheral Master
Cleared to configure the SPI as a Slave.
Set to configure the SPI as a Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com