Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 138Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 139Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 142Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 195 page
background image
142
AT89C51CC03
4182I–CAN–06/05
Figure 67. PCA Timer/Counter
The CMOD register includes three additional bits associated with the PCA.
•
The CIDL bit which allows the PCA to stop during idle mode.
•
The WDTE bit which enables or disables the WatchDog function on module 4.
•
The ECF bit which when set causes an interrupt and the PCA overflow flag CF in
CCON register to be set when the PCA timer overflows.
The CCON register contains the run control bit for the PCA and the flags for the PCA
timer and each module.
•
The CR bit must be set to run the PCA. The PCA is shut off by clearing this bit.
•
The CF bit is set when the PCA counter overflows and an interrupt will be generated
if the ECF bit in CMOD register is set. The CF bit can only be cleared by software.
•
The CCF0:4 bits are the flags for the modules (CCF0 for module0...) and are set by
hardware when either a match or a capture occurs. These flags also can be cleared
by software.
PCA Modules
Each one of the five compare/capture modules has six possible functions. It can
perform:
•
16-bit Capture, positive-edge triggered
•
16-bit Capture, negative-edge triggered
•
16-bit Capture, both positive and negative-edge triggered
•
16-bit Software Timer
•
16-bit High Speed Output
•
8-bit Pulse Width Modulator.
In addition module 4 can be used as a WatchDog Timer.
CIDL
CPS1 CPS0
ECF
It
CH
CL
16 bit up counter
To PCA
modules
FPca/6
FPca/2
T0 OVF
P1.2
Idle
CMOD
0xD9
WDTE
CF
CR
CCON
0xD8
CCF4 CCF3 CCF2 CCF1 CCF0
overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com