Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 145 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 142Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 146Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 147Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 148Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 195 page
background image
145
AT89C51CC03
4182I–CAN–06/05
High Speed Output Mode In this mode the CEX output (on port 1) associated with the PCA module will toggle
each time a match occurs between the PCA counter and the module’s capture registers.
To activate this mode the TOG, MAT, and ECOM bits in the module’s CCAPMn SFR
must be set.
Figure 71. PCA High Speed Output Mode
Pulse Width Modulator
Mode
All the PCA modules can be used as PWM outputs. The output frequency depends on
the source for the PCA timer. All the modules will have the same output frequency
because they all share the PCA timer. The duty cycle of each module is independently
variable using the module’s capture register CCAPLn. When the value of the PCA CL
SFR is less than the value in the module’s CCAPLn SFR the output will be low, when it
is equal to or greater than it, the output will be high. When CL overflows from FF to 00,
CCAPLn is reloaded with the value in CCAPHn. the allows the PWM to be updated with-
out glitches. The PWM and ECOM bits in the module’s CCAPMn register must be set to
enable the PWM mode.
CH
CL
CCAPnH
CCAPnL
ECOMn
CCAPMn, n = 0 to 4
0xDA to 0xDE
CAPNn MATn TOGn PWMn ECCFn
CAPPn
16-bit comparator
Match
CF
CR
CCON
0xD8
CCF4 CCF3 CCF2 CCF1 CCF0
PCA IT
Enable
CEXn
PCA counter/timer
“1”
“0”
Write to
CCAPnL
Reset
Write to
CCAPnH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com