Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 144 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 142Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 146Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 147Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 195 page
background image
144
AT89C51CC03
4182I–CAN–06/05
Figure 69. PCA Capture Mode
16-bit Software Timer
Mode
The PCA modules can be used as software timers by setting both the ECOM and MAT
bits in the modules CCAPMn register. The PCA timer will be compared to the module’s
capture registers and when a match occurs an interrupt will occur if the CCFn (CCON
SFR) and the ECCFn (CCAPMn SFR) bits for the module are both set.
Figure 70. PCA 16-bit Software Timer and High Speed Output Mode
CEXn
n = 0, 4
PCA Counter
CH
(8bits)
CL
(8bits)
CCAPnH CCAPnL
CCFn
CCON
PCA
Interrupt
Request
7
CCAPMn Register (n = 0, 4)
0
CAPMn
CAPNn
ECOMn CAPPn
MATn TOGn PWMn ECCFn
CCAPnL
(8 bits)
CCAPnH
(8 bits)
70
CCAPMn Register
(n = 0, 4)
CH
(8 bits)
CL
(8 bits)
16-Bit Comparator
Match
Enable
CCFn
CCON reg
PCA
Interrupt
Request
CEXn
Compare/Capture Module
PCA Counter
“0”
“1”
Reset
Write to
CCAPnL
Write to CCAPnH
For software Timer mode, set ECOMn and MATn.
For high speed output mode, set ECOMn, MATn and TOGn.
Toggle
CAPMn
CAPNn
ECOMn
CAPPn
MATn
TOGn
PWMn ECCFn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com