Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 144Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 145Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 146Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 147Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 148Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 149Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 150Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 195 page
background image
147
AT89C51CC03
4182I–CAN–06/05
PCA Registers
Table 95. CMOD Register
CMOD (S:D9h)
PCA Counter Mode Register
Reset Value = 00XX X000b
76
543
210
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
Bit
Number
Bit
Mnemonic Description
7CIDL
PCA Counter Idle Control bit
Clear to let the PCA run during Idle mode.
Set to stop the PCA when Idle mode is invoked.
6WDTE
WatchDog Timer Enable
Clear to disable WatchDog Timer function on PCA Module 4,
Set to enable it.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2CPS1
EWC Count Pulse Select bits
CPS1 CPS0 Clock source
0
0
Internal Clock, FPca/6
0
1
Internal Clock, FPca/2
1
0
Timer 0 overflow
1
1
External clock at ECI/P1.2 pin (Max. Rate = FPca/4)
1CPS0
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0ECF
Enable PCA Counter Overflow Interrupt bit
Clear to disable CF bit in CCON register to generate an interrupt.
Set to enable CF bit in CCON register to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com