Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 146Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 147Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 148Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 149Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 150Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 151Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 152Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 153Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 195 page
background image
150
AT89C51CC03
4182I–CAN–06/05
Table 99. CCAPMn Registers
CCAPM0 (S:DAh)
CCAPM1 (S:DBh)
CCAPM2 (S:DCh)
CCAPM3 (S:DDh)
CCAPM4 (S:DEh)
PCA Compare/Capture Module n Mode registers (n=0..4)
Reset Value = X000 0000b
76
543
210
-
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The Value read from this bit is indeterminate. Do not set this bit.
6ECOMn
Enable Compare Mode Module x bit
Clear to disable the Compare function.
Set to enable the Compare function.
The Compare function is used to implement the software Timer, the high-speed
output, the Pulse Width Modulator (PWM) and the WatchDog Timer (WDT).
5
CAPPn
Capture Mode (Positive) Module x bit
Clear to disable the Capture function triggered by a positive edge on CEXx pin.
Set to enable the Capture function triggered by a positive edge on CEXx pin
4CAPNn
Capture Mode (Negative) Module x bit
Clear to disable the Capture function triggered by a negative edge on CEXx pin.
Set to enable the Capture function triggered by a negative edge on CEXx pin.
3MATn
Match Module x bit
Set when a match of the PCA Counter with the Compare/Capture register sets
CCFx bit in CCON register, flagging an interrupt.
2
TOGn
Toggle Module x bit
The toggle mode is configured by setting ECOMx, MATx and TOGx bits.
Set when a match of the PCA Counter with the Compare/Capture register
toggles the CEXx pin.
1PWMn
Pulse Width Modulation Module x Mode bit
Set to configure the module x as an 8-bit Pulse Width Modulator with output
waveform on CEXx pin.
0
ECCFn
Enable CCFx Interrupt bit
Clear to disable CCFx bit in CCON register to generate an interrupt request.
Set to enable CCFx bit in CCON register to generate an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com