Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 152 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 148Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 149Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 150Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 151Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 152Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 153Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 154Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 155Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 195 page
background image
152
AT89C51CC03
4182I–CAN–06/05
Analog-to-Digital
Converter (ADC)
This section describes the on-chip 10 bit analog-to-digital converter of the
AT89C51CC03. Eight ADC channels are available for sampling of the external sources
AN0 to AN7. An analog multiplexer allows the single ADC converter to select one from
the 8 ADC channels as ADC input voltage (ADCIN). ADCIN is converted by the 10-bit
cascaded potentiometric ADC.
Two kinds of conversion are available:
- Standard conversion (8 bits).
- Precision conversion (10 bits) (Up to 85°C only).
For the precision conversion, set bit PSIDLE in ADCON register and start conversion.
The device is in a pseudo-idle mode, the CPU does not run but the peripherals are
always running. This mode allows digital noise to be as low as possible, to ensure high
precision conversion.
For this mode it is necessary to work with end of conversion interrupt, which is the only
way to wake the device up.
If another interrupt occurs during the precision conversion, it will be treated only after
this conversion is ended.
Features
•
8 channels with multiplexed inputs
•
10-bit cascaded potentiometric ADC
•
Conversion time 16 micro-seconds (typ.)
•
Zero Error (offset) ± 2 LSB max
•
Positive External Reference Voltage Range (VREF) 2.4 to 3.0Volt (typ.)
•
ADCIN Range 0 to 3Volt
•
Integral non-linearity typical 1 LSB, max. 2 LSB
•
Differential non-linearity typical 0.5 LSB, max. 1 LSB
•
Conversion Complete Flag or Conversion Complete Interrupt
•
Selectable ADC Clock
ADC Port1 I/O Functions Port 1 pins are general I/O that are shared with the ADC channels. The channel select
bit in ADCF register define which ADC channel/port1 pin will be used as ADCIN. The
remaining ADC channels/port1 pins can be used as general-purpose I/O or as the alter-
nate function that is available.
A conversion launched on a channel which are not selected on ADCF register will not
have any effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com