Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 155 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 151Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 152Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 153Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 154Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 155Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 156Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 195 page
background image
155
AT89C51CC03
4182I–CAN–06/05
Figure 75. A/D Converter Clock
ADC Standby Mode
When the ADC is not used, it is possible to set it in standby mode by clearing bit ADEN
in ADCON register. In this mode its power dissipation is about 1 µW.
IT ADC Management
An interrupt end-of-conversion will occurs when the bit ADEOC is activated and the bit
EADC is set. For re-arming the interrupt the bit ADEOC must be cleared by software.
Figure 76. ADC Interrupt Structure
Routines examples
1. Configure P1.2 and P1.3 in ADC channels
// configure channel P1.2 and P1.3 for ADC
ADCF = 0Ch
// Enable the ADC
ADCON = 20h
2. Start a standard conversion
// The variable "channel" contains the channel to convert
// The variable "value_converted" is an unsigned int
// Clear the field SCH[2:0]
ADCON and = F8h
// Select channel
ADCON | = channel
// Start conversion in standard mode
ADCON | = 08h
// Wait flag End of conversion
while((ADCON and 01h)! = 01h)
// Clear the End of conversion flag
ADCON and = EFh
// read the value
value_converted = (ADDH << 2)+(ADDL)
3. Start a precision conversion (need interrupt ADC)
// The variable "channel" contains the channel to convert
// Enable ADC
Prescaler ADCLK
A/D
Converter
ADC Clock
CPU
CLOCK
CPU Core Clock Symbol
÷ 2
ADEOC
ADCON.2
EADC
IEN1.1
ADCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com