Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 154 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 150Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 151Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 152Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 153Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 154Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 155Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 156Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 195 page
background image
154
AT89C51CC03
4182I–CAN–06/05
ADC Converter
Operation
A start of single A/D conversion is triggered by setting bit ADSST (ADCON.3).
After completion of the A/D conversion, the ADSST bit is cleared by hardware.
The end-of-conversion flag ADEOC (ADCON.4) is set when the value of conversion is
available in ADDH and ADDL, it must be cleared by software. If the bit EADC (IEN1.1) is
set, an interrupt occur when flag ADEOC is set (see Figure 76). Clear this flag for re-
arming the interrupt.
The bits SCH0 to SCH2 in ADCON register are used for the analog input channel
selection.
Table 102. Selected Analog input
Voltage Conversion
When the ADCIN is equals to VAREF the ADC converts the signal to 3FFh (full scale). If
the input voltage equals VAGND, the ADC converts it to 000h. Input voltage between
VAREF and VAGND are a straight-line linear conversion. All other voltages will result in
3FFh if greater than VAREF and 000h if less than VAGND.
Note that ADCIN should not exceed VAREF absolute maximum range! (See section
“AC-DC”)
Clock Selection
The ADC clock is the same as CPU.
The maximum clock frequency is defined in the DC parameters for A/D converter. A
prescaler is featured (ADCCLH) to generate the ADC clock from the oscillator
frequency.
FADC = Fperiph / 4 (or 2 in X2 mode) x PRS
if PRS = 0 then FADC = Fperiph / 64
if PRS > 0 then FADC = Fperiph / 2 x PRS
SCH2
SCH1
SCH0
Selected Analog input
00
0
AN0
00
1
AN1
01
0
AN2
01
1
AN3
10
0
AN4
10
1
AN5
11
0
AN6
11
1
AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com