Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 136Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 137Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 138Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 139Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 142Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 143Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 195 page
background image
140
AT89C51CC03
4182I–CAN–06/05
Reset Value = 00X0 XXXXb
Not Bit addressable
Serial Peripheral DATa Register
(SPDAT)
The Serial Peripheral Data Register (Table 94) is a read/write buffer for the
receive/transmit data register.
A Read of the SPDAT returns the value located in the receive buffer and not the content
of the shift register.
A Write of the SPDAT loads the data to be transmited in the transmit register.
Table 94. SPDAT Register
SPDAT - Serial Peripheral Data Register (0D6H)
Reset Value = Indeterminate
4MODF
Mode Fault
- Set by hardware to indicate that the SS pin is in inappropriate logic level (in both
master and slave modes).
- Cleared by hardware when reading SPSCR
When MODF error occurred:
- In slave mode: SPI interface ignores all transmitted data while SS remains high.
A new transmission is perform as soon as SS returns low.
- In master mode: SPI interface is disabled (SPEN=0, see description for SPEN
bit in SPCON register).
3SPTE
Serial Peripheral Transmit register Empty
- Set by hardware when transmit register is empty (if needed, SPDAT can be
loaded with another data).
- Cleared by hardware when transmit register is full (no more data should be
loaded in SPDAT).
2UARTM
Serial Peripheral UART mode
Set and cleared by software:
- Clear: Normal mode, data are transmitted MSB first (default)
- Set: UART mode, data are transmitted LSB first.
1SPTEIE
Interrupt Enable for SPTE
Set and cleared by software:
- Set to enable SPTE interrupt generation (when SPTE goes high, an interrupt is
generated).
- Clear to disable SPTE interrupt generation
Caution: When SPTEIE is set no interrupt generation occurred when SPIF flag
goes high. To enable SPIF interrupt again, SPTEIE should be cleared.
0MODFIE
Interrupt Enable for MODF
Set and cleared by software:
- Set to enable MODF interrupt generation
- Clear to disable MODF interrupt generation
Bit
Number
Bit
Mnemonic Description
76
543
210
R7
R6
R5
R4
R3
R2
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com