Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 49Page - STMicroelectronics L9779WD-SPI Datasheet HTML 50Page - STMicroelectronics L9779WD-SPI Datasheet HTML 51Page - STMicroelectronics L9779WD-SPI Datasheet HTML 52Page - STMicroelectronics L9779WD-SPI Datasheet HTML 53Page - STMicroelectronics L9779WD-SPI Datasheet HTML 54Page - STMicroelectronics L9779WD-SPI Datasheet HTML 55Page - STMicroelectronics L9779WD-SPI Datasheet HTML 56Page - STMicroelectronics L9779WD-SPI Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
DocID027721 Rev 2
53/141
L9779WD-SPI
Functional description
140
6.8.2
LSb function OUT6, 7 (O2 heater)
Figure 34. LSb function OUT6, 7 (O2 heater)
LSb functionality description
LSb are 2 protected low-side drivers with diagnosis and over current protection circuit.
They are driven by logical-AND of SPI control bit and dedicated parallel input IN6, IN7.
The turn on/off time is fixed and the slew-rate is controlled.
When an over current fault occurs, the driver switches off with faster slew rate in order to
reduce the power dissipation.
The turn on/off time is fixed and the slew-rate is controlled.
Max Cload = 20 nF.
Table 21. LSb electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT 6, 7
RDS-on LSb
Drain source resistance
T = -40°C, Iload = 3 A
0.05
-
0.16
T = 25°C, Iload = 3 A
0.13
-
0.23
T = 130°C, Iload = 3 A
0.21
-
0.47
IOUTlk
Output leakage current
-
-
-
10
µA
VS/R
Voltage S/R on/off
R = 4.5
, C = 10 nF
From 80% to 30% of VOUT
0.5
-
2.5
V/µs
VS/R GateKill
FAST VR/S off when an
OVC fault happens
Load: 8
, 10 nF
From 80% to 30% of VOUT
5-
20
V/µs
TTurn-on_ LSb
Turn-on delay time
From command to 80% VOUT
Load: 4.5
, 10 nF
--
7.5
µs
TTurn-off_ LSb
Turn-off delay time
From command to 20% VOUT
Load: 4.5
, 10 nF
--
7.5
µs
Vcl
Output clamping voltage Iload = 1.5 A
41
45
49
V
PWclampSP
Clamp single pulse ATE
test
Iload = 1.5 A; single pulse
-
-
25
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com