Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 72Page - STMicroelectronics L9779WD-SPI Datasheet HTML 73Page - STMicroelectronics L9779WD-SPI Datasheet HTML 74Page - STMicroelectronics L9779WD-SPI Datasheet HTML 75Page - STMicroelectronics L9779WD-SPI Datasheet HTML 76Page - STMicroelectronics L9779WD-SPI Datasheet HTML 77Page - STMicroelectronics L9779WD-SPI Datasheet HTML 78Page - STMicroelectronics L9779WD-SPI Datasheet HTML 79Page - STMicroelectronics L9779WD-SPI Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 141 page
background image
Functional description
L9779WD-SPI
76/141
DocID027721 Rev 2
6.11.4
Diagnosis of CPS OUTA, B, C, D when configured as single low side
power stages
For the low side the diagnosis is the same as LSd (see Section 6.9).
Each channel locally detects and writes its own fault or no-fault condition (codified on 2 bit
according to Table 27: Fault encoding condition).
Short circuit to battery or overcurrent for all the outputs during ON condition.
Open load or short to GND during OFF condition.
The faults are latched and reset at every Read Diag operation.
In OFF condition the first fault detected is latched and can be overwritten only by the ON
condition fault.
OUT21…28
Tmask_step
-
Test by scan
-25%
1
+25%
ms
Tsettle
-
For information only;
No tested
100
-
-
ms
T_PWM
Operating frequency
For information only;
No tested
50
-
-
µs
Table 34. Stepper configuration electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com