Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 73Page - STMicroelectronics L9779WD-SPI Datasheet HTML 74Page - STMicroelectronics L9779WD-SPI Datasheet HTML 75Page - STMicroelectronics L9779WD-SPI Datasheet HTML 76Page - STMicroelectronics L9779WD-SPI Datasheet HTML 77Page - STMicroelectronics L9779WD-SPI Datasheet HTML 78Page - STMicroelectronics L9779WD-SPI Datasheet HTML 79Page - STMicroelectronics L9779WD-SPI Datasheet HTML 80Page - STMicroelectronics L9779WD-SPI Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 141 page
background image
DocID027721 Rev 2
77/141
L9779WD-SPI
Functional description
140
Electrical and diagnosis characteristics of OUTA, B, C, D when configured as
single power stages
Same parameter and diagnosis function as LSd.
Table 35. Electrical and diagnosis characteristics of
OUTA, B, C, D when configured as single
power stages
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUTA,
OUTB,
OUTC,
OUTD
RDS-on LSd
Drain source resistance
Iload = 0.6 A
-
-
1.5
IOUTlk
Output leakage current
Vpin = 13.5 V
-
-
10
µA
VS/R
Voltage S/R On/off
R = 21 Ω, C = 10nF
From 80% to 30% of
VOUT
2-6
V/us
VS/R GateKill
Fast VR/S off when an
OVC fault happens
Load: 8 Ω, 10nF - from
80% to 30% of VOUT
5-
30
V/µs
TTurn-On_ LSd Turn-on delay time
From command to 80%
VOUT Load: 21 Ω, 10nF
--
6
µs
TTurn-Off_ LSd Turn-off delay time
From command to 30%
VOUT Load: 21 Ω, 10nF
--
6
µs
Vcl
Output clamping voltage Iload = 0.6A
46
48
50
V
PWclampSP
Clamp single pulse ATE
test
Iload = 0.6A; single pulse
-
-
15
mJ
PWclampRP
Clamp repetitive pulses
Freq = 1 Hz
(to be verified) Reliability
Test
Tc
 30 °C;
I_OUT_n < 0.45 A
1 Mio cycles
--
6.5
mJ
Tc < 80°C;
I_OUT_n
 0.3A
25 Mio cycle
--
6.5
Tc < 100°C;
I_OUT_n < 0.3A
20 Mio cycle
--
6.5
Tc < 130 °C;
I_OUT_n < 0.3 A
5 Mio cycle
--
5.5
Reverse
voltage
Body diode reverse
current voltage drop
I = -0.6 A
-0.5
-1
-1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com