Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 67Page - STMicroelectronics L9779WD-SPI Datasheet HTML 68Page - STMicroelectronics L9779WD-SPI Datasheet HTML 69Page - STMicroelectronics L9779WD-SPI Datasheet HTML 70Page - STMicroelectronics L9779WD-SPI Datasheet HTML 71Page - STMicroelectronics L9779WD-SPI Datasheet HTML 72Page - STMicroelectronics L9779WD-SPI Datasheet HTML 73Page - STMicroelectronics L9779WD-SPI Datasheet HTML 74Page - STMicroelectronics L9779WD-SPI Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
DocID027721 Rev 2
71/141
L9779WD-SPI
Functional description
140
6.11.2
Diagnosis of configurable power stages (CPS)
All CPS have fault diagnostic functions:
Short-circuit to battery voltage: (SCB) can be detected if switches are turned on
Short-circuit to ground:
(SCG) can be detected if switches are turned off
Open load:
(OL) can be detected if switches are turned off
Over temperature:
(OT) will be detected with the general thermal
warning(OT2)
Diagnosis is different for configuration as full-bridges or as single power stages. The faults
are coded in different way and are stored in diagnostic registers.
In each configuration the registers can be read via SPI. With the beginning of each read
cycle the registers are cleared automatically.
In each configuration there is one central diagnostic bit F2 for fault occurrence at any output.
6.11.3
Diagnosis of CPS [OUTA to OUTD] when configured as H-bridges
Stepper motor driver OFF diagnosis (output in high impedance state).
In OFF condition Short to GND/Short to VB or Open Load condition is continuously detected
through a deglitch filter Tdgc_off, after Tmask_step masking time to filter ON/ OFF
transition. To avoid false diagnostic due to motor residual movement, the off command (EN
bit=0) must be sent Tsettle time after the last valid on command PWM bit written to 1 (one
couple of HS and LS switched on). A fault longer than deglitch time is latched.
Off state diagnostic fault can be overwritten by on state fault.
Off state fault does not prevent the stepper from switching on. The latched fault is cleared by
reading the diagnosis data registers via SPI - and so resetting the diagnosis registers.
An Off state due to a wrong command sent by SPI interface does not activate the Off
diagnosis.
Stepper motor driver ON diagnosis (Output driven by SPI CONTR_REG bit)
In ON condition when over current fault is detected and validated after digital filtering time
Tdgc_ON, the bridge is turned OFF and the fault is latched. The bridge is turned ON again
by SPI command. The latched fault is cleared by reading the diagnosis data registers via
SPI and so resetting the diagnosis registers.
Over current fault has higher priority over OFF condition faults.
Each Bridge has dedicated fault diagnosis register H1_DIAG, H2_DIAG.
In ON condition if the current in the load current is lower than I_OPEN_LOAD for a time
longer than Tdgc_ol_on, an Open load condition is detected
It could be necessary two steps of the stepper motor operation to detect the real kind of
fault, in this case as first diagnosis the fault is "Fault detection running" and with the next
PWM command it is possible to understand if the fault is an OPEN LOAD or an
OVERCURRENT/SHORT to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com