Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 79Page - STMicroelectronics L9779WD-SPI Datasheet HTML 80Page - STMicroelectronics L9779WD-SPI Datasheet HTML 81Page - STMicroelectronics L9779WD-SPI Datasheet HTML 82Page - STMicroelectronics L9779WD-SPI Datasheet HTML 83Page - STMicroelectronics L9779WD-SPI Datasheet HTML 84Page - STMicroelectronics L9779WD-SPI Datasheet HTML 85Page - STMicroelectronics L9779WD-SPI Datasheet HTML 86Page - STMicroelectronics L9779WD-SPI Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 141 page
background image
DocID027721 Rev 2
83/141
L9779WD-SPI
Functional description
140
6.13
CAN transceiver
Figure 56. CAN transceiver diagram
6.13.1
CAN transceiver functionality description
The CAN bus transceiver allows the connection with a microcontroller through a high speed
CAN bus with transmission rates up to 1Mbit/s. The transceiver has one logic input pin
(CAN_TX), one logic output pin (CAN_RX) and two input/output pins for the electrical
connections to the two bus wires (CANH and CANL). The microcontroller sends data to the
CAN_TX pin and it receives data from the CAN_RX pin.
In case of power loss (VB pin disconnected) or ground loss (GND pins disconnected), the
transceiver doesn't disturb the communication of the remaining transceivers connected to
the bus. If CANL is shorted to ground, the transceiver is able to operate with reduced
EMI/RFI performances.
TX or RX=0 means Dominant state of CANH and CANL; TX or RX=1 means Recessive
state compliant to ISO11898-2.
Speed communication up to 1Mbit/s
Function range from +40 V to -18 V DC at CAN pins
GND disconnection fail safe at module level
GND shift operation at system level
ESD: Immunity against automotive transients per ISO7637 specification
Matched output slopes and propagation delay.
The CAN_TX signal is ignored (CAN to recessive state) until the RST pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com