Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 65Page - STMicroelectronics L9779WD-SPI Datasheet HTML 66Page - STMicroelectronics L9779WD-SPI Datasheet HTML 67Page - STMicroelectronics L9779WD-SPI Datasheet HTML 68Page - STMicroelectronics L9779WD-SPI Datasheet HTML 69Page - STMicroelectronics L9779WD-SPI Datasheet HTML 70Page - STMicroelectronics L9779WD-SPI Datasheet HTML 71Page - STMicroelectronics L9779WD-SPI Datasheet HTML 72Page - STMicroelectronics L9779WD-SPI Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
DocID027721 Rev 2
69/141
L9779WD-SPI
Functional description
140
Figure 45. Stepper motor operation diagram
The writing of DIR bit and PWM bit cannot be done in the same time, at least two
consecutive SPI frames are necessary.(if done the stepper will move one step in the old
direction).
The writing of EN bit and PWM bit cannot be done in the same time, at least two
consecutive SPI frames are necessary. (If done it is supposed that only the EN bit has been
received).
Table 30. Half bridge 1
H-bridge1
Comment
Nominal
current
Ron max
Switch off
current
(min.)
Clamping
(typ.)
OUTA
High-side P-Ch
0.6 A
1.7
1 A
N/A
Low-side N-Ch
0.6 A
1.5
1 A
45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com