Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 40Page - STMicroelectronics L9779WD-SPI Datasheet HTML 41Page - STMicroelectronics L9779WD-SPI Datasheet HTML 42Page - STMicroelectronics L9779WD-SPI Datasheet HTML 43Page - STMicroelectronics L9779WD-SPI Datasheet HTML 44Page - STMicroelectronics L9779WD-SPI Datasheet HTML 45Page - STMicroelectronics L9779WD-SPI Datasheet HTML 46Page - STMicroelectronics L9779WD-SPI Datasheet HTML 47Page - STMicroelectronics L9779WD-SPI Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 141 page
background image
Functional description
L9779WD-SPI
44/141
DocID027721 Rev 2
6.7
Main relay driver
Figure 22. Main relay driver controlled by L9779WD-SPI
6.7.1
Main relay driver functionality description
Main relay driver MRD is controlled by L9779WD-SPI depending on the voltage levels at
pins KEY_ON, VB and the power latch mode set by the µC as described in the previous
sections.
The output stage MRD for main-relay-control is realized with a low-side-switch with
integrated clamping at VCL voltage realized with a zener diode.
When VB is present (VB>VB_LV) the MRD driver is protected, in ON condition, against the
over temperature fault. When the temperature is above junction the MRD is switched off.
After
HYSTERESIS the MRD returns to normal operation automatically.
In case of MRD short to battery without VB present i.e. during start-up sequence, when the
current exceeds the IOVC value, this pin will be switched off after a certain filter time
TFILTEROVC; to turn on MRD again it is necessary a high to low transition on KEY_ON pin.
Refer to scenario 5 (Figure 29).
In case of MRD short to battery with VB present i.e. during normal mode, when the current
exceeds the IOVC value, this pin will be switched off after a certain filter time TFILTEROVC;
the uC can try to turn on the MRD using the command MRD_REACT until the VB voltage is
above VB_UV. Below this threshold the MRD retries to switch on, then if the fault is still
present the MRD switches off and to turn it on again it is necessary a high to low transition
on KEY_ON pin. Refer to scenario 6-7-8 (Figure 30, 31 and 32).
In every condition the bit MRD_OVC reports that the MRD is currently off due to a previous
over current event.
Diagnosis of MRD short to ground may be done as described in the power up/down
management unit, switching off the MRD keeping alive all other regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com