Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 61Page - STMicroelectronics L9779WD-SPI Datasheet HTML 62Page - STMicroelectronics L9779WD-SPI Datasheet HTML 63Page - STMicroelectronics L9779WD-SPI Datasheet HTML 64Page - STMicroelectronics L9779WD-SPI Datasheet HTML 65Page - STMicroelectronics L9779WD-SPI Datasheet HTML 66Page - STMicroelectronics L9779WD-SPI Datasheet HTML 67Page - STMicroelectronics L9779WD-SPI Datasheet HTML 68Page - STMicroelectronics L9779WD-SPI Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 141 page
background image
DocID027721 Rev 2
65/141
L9779WD-SPI
Functional description
140
6.10.1
Ignition pre-drivers functionality description
The 4 ignition pre-drivers are push-pull output with diagnosis and over current protection
circuit. They can drive IGBT Darlington transistors.
The load is switched on with a current and switched off with I_LS_cont current.
They are driven by logical-AND of SPI control bit and dedicated parallel input IGN1...IGN4.
When Reset_L9779 signal or OUT_DIS bit is asserted, output IGNx becomes high
impedance.
By SPI command it is possible to have the low-side stage always off, in this case there is an
external pull down resistor that discharges The IGNx output in Off phase. This Bit is present
in CONFIG_REG2 bit0 and its name is LS_IGN_OFF.
Table 28. Ignition pre-drivers electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
IGN1 to 4
VDD5
Supply voltage range
Info only
4.9
-
5.1
V
Vign
Output voltage high level
I_cont = 15 mA
4.35
-
V
Ileak_out Leakage current
-
-10
-
10
µA
I_lim
High-side current limitation
-
19
-
33
mA
I_LS_cont
LS path continuous current
capability
Add also the RDSON
Test
--
30
mA
I_LS_RD
S on
LS RDSON
-
3
-
14
IOVC
High side over current detection
-
7
-
14
mA
VLVT
Output short-circuit to Gnd
threshold voltage
-1.6
1.8
2
V
Vign_scb SCB detection voltage
-
VDD5
+0.1V
-
VDD5
+2V
-
Iol
OL detection current
-
100
-
850
µA
Tdon
Output on delay time
CIgn = 10 nF
-
-
10
µs
Tign_filt
OVC/Open load diagnosis filter
time, Test by scan
-50
-
100
µs
Tr
Output on rise time
CIgn = 10 nF
-
-
10
µs
Tdoff
Output off delay time
CIgn = 10 nF
-
-
10
µs
Tf
Output off fall time
CIgn = 10 nF
-
-
10
µs
Rload
Resistive load
For info only
1
-
10
kΩ
Cout
Output capacitance loads
For info only
4
-
15
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com