Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 65Page - STMicroelectronics SPC56AP60X Datasheet HTML 66Page - STMicroelectronics SPC56AP60X Datasheet HTML 67Page - STMicroelectronics SPC56AP60X Datasheet HTML 68Page - STMicroelectronics SPC56AP60X Datasheet HTML 69Page - STMicroelectronics SPC56AP60X Datasheet HTML 70Page - STMicroelectronics SPC56AP60X Datasheet HTML 71Page - STMicroelectronics SPC56AP60X Datasheet HTML 72Page - STMicroelectronics SPC56AP60X Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
DocID18340 Rev 6
69/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
Table 23. Supply current (3.3 V, NVUSRO[PAD3V5V]=1)
Symbol
Parameter
Conditions
Value
Unit
Typ
Max
IDD_LV_CORE
T
Supply
current
RUN — Maximum Mode(1)
VDD_LV_CORE
externally forced at
1.3 V
ADC Freq = 32 MHz
PLL Freq = 64 MHz
64 MHz
90
120
mA
RUN - Platform consumption,
single core(2)
VDD_LV_CORE
externally forced to 1.3V
16 MHz
21
37
40 MHz
35
55
64 MHz
48
72
RUN - Platform consumption,
dual core(3)
16 MHz
24
41
40 MHz
42
64
64 MHz
58
85
P
RUN — Maximum Mode(4)
VDD_LV_CORE
externally forced at
1.3 V
64 MHz
85
113
HALT Mode(5)
VDD_LV_CORE
externally forced at
1.3 V
—5.5
15
STOP Mode(6)
VDD_LV_CORE
externally forced at
1.3 V
—4.5
13
IDD_FLASH
D
Flash memory supply current
during read
VDD_HV_FL at 3.3 V
14
Flash memory supply current
during erase operation on 1
flash memory module
VDD_HV_FL at 3.3 V
42
IDD_ADC
T
ADC supply current —
Maximum Mode
VDD_HV_AD at 3.3 V
ADC Freq = 16 MHz
—3
4
IDD_OSC
T
OSC supply current
VDD_OSC at 3.3 V
8 MHz
2.4
3
1. Maximum mode configuration: Code fetched from Flash executed by dual core, SIUL, PIT, ADC_0, eTimer_0/1,
LINFlex_0/1, STM, INTC_0/1, DSPI_0/1/2/3/4, FlexCAN_0/1, FlexRay (static consumption), CRC_0/1, FCCU, SRAM
enabled. I/O supply current excluded.
2. RAM, Code and Data Flash powered, code fetched from Flash executed by single core, all peripherals gated; IRC16MHz
on, PLL64MHz OFF (except for code running at 64 MHz).
Code is performing continuous data transfer from Flash to RAM.
3. RAM, Code and Data Flash powered, code fetched from Flash executed by dual core, all peripherals gated; IRC16MHz on,
PLL64MHz OFF (except for code running at 64 MHz).
Code is performing continuous data transfer from Flash to RAM.
4. Maximum mode configuration: Code fetched from RAM executed by dual core, SIUL, PIT, ADC_0, eTimer_0/1,
LINFlex_0/1, STM, INTC_0/1, DSPI_0/1/2/3/4, FlexCAN_0/1, FlexRay (static consumption), CRC_0/1, FCCU, SRAM
enabled. I/O supply current excluded.
5. HALT mode configuration, only for the “P” classification: Code Flash memory in low power mode, data Flash memory in
power down mode, OSC/PLL are OFF, FIRC is ON, Core clock gated, all peripherals are disabled.
6. STOP mode configuration, only for the “P” classification: Code and data Flash memories in power down mode, OSC/PLL
are OFF, FIRC is ON, Core clock gated, all peripherals are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com