Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 45Page - STMicroelectronics SPC56AP60X Datasheet HTML 46Page - STMicroelectronics SPC56AP60X Datasheet HTML 47Page - STMicroelectronics SPC56AP60X Datasheet HTML 48Page - STMicroelectronics SPC56AP60X Datasheet HTML 49Page - STMicroelectronics SPC56AP60X Datasheet HTML 50Page - STMicroelectronics SPC56AP60X Datasheet HTML 51Page - STMicroelectronics SPC56AP60X Datasheet HTML 52Page - STMicroelectronics SPC56AP60X Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
DocID18340 Rev 6
49/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
3.3
Absolute maximum ratings
Table 9. Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Min
Max(2)
Unit
VSS_HV
SR Digital ground
—
0
0
V
VDD_HV_IOx(3) SR
3.3 V / 5.0 V input/output supply
voltage with respect to ground
(VSS_HV)
—–0.3
6.0
V
VSS_HV_IOx
SR
Input/output ground voltage with
respect to ground (VSS_HV)
—–0.1
0.1
V
VDD_HV_FL
SR
3.3 V / 5.0 V code and data flash
memory supply voltage with respect
to ground (VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +
0.3
VSS_HV_FL
SR
Code and data flash memory ground
with respect to ground (VSS_HV)
—–0.1
0.1
V
VDD_HV_OSC
SR
3.3 V / 5.0 V crystal oscillator
amplifier supply voltage with respect
to ground (VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +
0.3
VSS_HV_OSC
SR
3.3 V / 5.0 V crystal oscillator
amplifier reference voltage with
respect to ground (VSS_HV)
—–0.1
0.1
V
VDD_HV_REG
SR
3.3 V / 5.0 V voltage regulator supply
voltage with respect to ground
(VSS_HV)
—
– 0.3
6.0
V
Relative to
VDD_HV_IOx
– 0.3
VDD_HV_IOx +
0.3
VDD_HV_AD
SR
3.3 V / 5.0 V ADC supply and high
reference voltage with respect to
ground (VSS_HV)
VDD_HV_REG
< 2.7 V
– 0.3
VDD_HV_REG
+ 0.3
V
VDD_HV_REG
> 2.7 V
– 0.3
6.0
VSS_HV_AD
SR
ADC ground and low reference
voltage with respect to ground
(VSS_HV)
—–0.1
0.1
V
TVDD
SR
Slope characteristics on all VDD
during power up(4) with respect to
ground (VSS_HV)
—3.0(5)
500 x 103
(0.5 [V/µs])
V/s
VIN
SR
Voltage on any pin with respect to
ground (VSS_HV_IOx) with respect to
ground (VSS_HV)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +
0.3
VINAN
SR Analog input voltage
VDD_HV_REG
< 2.7 V
VSS_HV_AD
0.3
VDD_HV_AD +
0.3
V
VDD_HV_REG
> 2.7 V
VSS_HV_AD
VDD_HV_AD
V
IINJPAD
SR
Injected input current on any pin
during overload condition
—
–10
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com