Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 14Page - STMicroelectronics SPC56AP60X Datasheet HTML 15Page - STMicroelectronics SPC56AP60X Datasheet HTML 16Page - STMicroelectronics SPC56AP60X Datasheet HTML 17Page - STMicroelectronics SPC56AP60X Datasheet HTML 18Page - STMicroelectronics SPC56AP60X Datasheet HTML 19Page - STMicroelectronics SPC56AP60X Datasheet HTML 20Page - STMicroelectronics SPC56AP60X Datasheet HTML 21Page - STMicroelectronics SPC56AP60X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 105 page
background image
Introduction
SPC56xP54x, SPC56xP60x
18/105
DocID18340 Rev 6
Triangle wave modulation
Programmable modulation depth (±0.25% to ±4% deviation from center frequency)
–
Programmable modulation frequency dependent on reference frequency
Self-clocked mode (SCM) operation
1.5.9
Main oscillator
The main oscillator provides these features:
Input frequency range 4 MHz to 40 MHz
Crystal input mode or Oscillator input mode
PLL reference
1.5.10
Internal RC oscillator
This device has an RC ladder phase-shift oscillator. The architecture uses constant current
charging of a capacitor. The voltage at the capacitor is compared by the stable bandgap
reference voltage.
The RC Oscillator provides these features:
Nominal frequency 16 MHz
±6% variation over voltage and temperature after process trim
Clock output of the RC oscillator serves as system clock source in case loss of lock or
loss of clock is detected by the PLL
RC oscillator is used as the default system clock during startup
1.5.11
Periodic interrupt timer (PIT)
The PIT module implements these features:
Up to four general purpose interrupt timers
32-bit counter resolution
Clocked by system clock frequency
Each channel can be used as trigger for a DMA request
1.5.12
System timer module (STM)
The STM module implements these features:
32-bit up counter with 8-bit prescaler
Four 32-bit compare channels
Independent interrupt source for each channel
Counter can be stopped in debug mode
The STM module is replicated for each processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com