Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 17Page - STMicroelectronics SPC56AP60X Datasheet HTML 18Page - STMicroelectronics SPC56AP60X Datasheet HTML 19Page - STMicroelectronics SPC56AP60X Datasheet HTML 20Page - STMicroelectronics SPC56AP60X Datasheet HTML 21Page - STMicroelectronics SPC56AP60X Datasheet HTML 22Page - STMicroelectronics SPC56AP60X Datasheet HTML 23Page - STMicroelectronics SPC56AP60X Datasheet HTML 24Page - STMicroelectronics SPC56AP60X Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
DocID18340 Rev 6
21/105
SPC56xP54x, SPC56xP60x
Introduction
104
Programmable transmit-first scheme: lowest ID or lowest buffer number
Time stamp based on 16-bit free-running timer
Global network time, synchronized by a specific message
Maskable interrupts
Independent of the transmission medium (an external transceiver is assumed)
High immunity to EMI
Short latency time due to an arbitration scheme for high-priority messages
Transmit features
Supports configuration of multiple mailboxes to form message queues of scalable
depth
Arbitration scheme according to message ID or message buffer number
Internal arbitration to guarantee no inner or outer priority inversion
Transmit abort procedure and notification
Receive features
Individual programmable filters for each mailbox
8 mailboxes configurable as a six-entry receive FIFO
8 programmable acceptance filters for receive FIFO
Programmable clock source
System clock
Direct oscillator clock to avoid PLL jitter
1.5.19
Safety port (FlexCAN)
The SPC56xP54x/SPC56xP60x MCU has a second CAN controller synthesized to run at
high bit rates to be used as a safety port. The CAN module of the safety port provides the
following features:
Identical to the FlexCAN module
Bit rate as fast as 7.5 Mb at 60 MHz CPU clock using direct connection between CAN
modules (no physical transceiver required)
32 Message buffers of 0 to 8 bytes data length
Can be used as a third independent CAN module
1.5.20
FlexRay
The FlexRay module provides the following features:
Full implementation of FlexRay Protocol Specification 2.1
64 configurable message buffers can be handled
Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate
Message buffers configurable as Tx, Rx or RxFIFO
Message buffer size configurable
Message filtering for all message buffers based on FrameID, cycle count and message
ID
Programmable acceptance filters for RxFIFO message buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com