Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 19Page - STMicroelectronics SPC56AP60X Datasheet HTML 20Page - STMicroelectronics SPC56AP60X Datasheet HTML 21Page - STMicroelectronics SPC56AP60X Datasheet HTML 22Page - STMicroelectronics SPC56AP60X Datasheet HTML 23Page - STMicroelectronics SPC56AP60X Datasheet HTML 24Page - STMicroelectronics SPC56AP60X Datasheet HTML 25Page - STMicroelectronics SPC56AP60X Datasheet HTML 26Page - STMicroelectronics SPC56AP60X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
DocID18340 Rev 6
23/105
SPC56xP54x, SPC56xP60x
Introduction
104
The DSPI modules provide these features:
Full duplex, synchronous transfers
Master or slave operation
Programmable master bit rates
Programmable clock polarity and phase
End-of-transmission interrupt flag
Programmable transfer baud rate
Programmable data frames from 4 to 16 bits
Up to 28 chip select lines available
8 each on DSPI_0 and DSPI_1
4 each on DSPI_2, DSPI_3, and DSPI_4
8 clock and transfer attributes registers
Chip select strobe available as alternate function on one of the chip select pins for
deglitching
FIFOs for buffering up to 5 transfers on the transmit and receive side
Queueing operation possible through use of the eDMA
General purpose I/O functionality on pins when not used for SPI
1.5.23
eTimer
Two eTimer modules are provided, each with six 16-bit general purpose up/down
timer/counter per module. The following features are implemented:
Individual channel capability
Input capture trigger
Output compare
Double buffer (to capture rising edge and falling edge)
Separate prescaler for each counter
Selectable clock source
–0 % to 100% pulse measurement
Rotation direction flag (Quad decoder mode)
Maximum count rate
Equals peripheral clock/2 — for external event counting
Equals peripheral clock — for internal clock counting
Cascadeable counters
Programmable count modulo
Quadrature decode capabilities
Counters can share available input pins
Count once or repeatedly
Preloadable counters
Pins available as GPIO when timer functionality not in use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com