Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 81Page - STMicroelectronics SPC56AP60X Datasheet HTML 82Page - STMicroelectronics SPC56AP60X Datasheet HTML 83Page - STMicroelectronics SPC56AP60X Datasheet HTML 84Page - STMicroelectronics SPC56AP60X Datasheet HTML 85Page - STMicroelectronics SPC56AP60X Datasheet HTML 86Page - STMicroelectronics SPC56AP60X Datasheet HTML 87Page - STMicroelectronics SPC56AP60X Datasheet HTML 88Page - STMicroelectronics SPC56AP60X Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
DocID18340 Rev 6
85/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
Table 37. RESET electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VIH
SR P
Input High Level CMOS
(Schmitt Trigger)
—
0.65VDD —VDD+0.4
V
VIL
SR P
Input low Level CMOS
(Schmitt Trigger)
—
0.4
—
0.35VDD
V
VHYS
CC C
Input hysteresis CMOS
(Schmitt Trigger)
—0.1VDD
——
V
VOL
CC P Output low level
Push Pull, IOL = 2mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
Push Pull, IOL = 1mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1(2)
—
—
0.1VDD
Push Pull, IOL = 1mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5
Ttr
CC D
Output transition time
output pin(3)
MEDIUM configuration
CL = 25pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——10
ns
CL = 50pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——20
CL = 100pF,
VDD = 5.0 V ± 10%, PAD3V5V = 0
——40
CL = 25pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——12
CL = 50pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——25
CL = 100pF,
VDD = 3.3 V ± 10%, PAD3V5V = 1
——40
WFRST SR P RESET input filtered pulse
—
—
—
40
ns
WNFRST SR P
RESET input not filtered
pulse
—500
—
—
ns
TPOR
CC D
maximum delay before
internal reset is released
after all VDD_HV reach
nominal supply
Monotonic VDD_HV supply ramp
—
—
1
ms
|IWPU|CC P
Weak pull-up current
absolute value
VDD = 3.3 V ± 10%, PAD3V5V = 1
10
—
150
µA
VDD = 5.0 V ± 10%, PAD3V5V = 0
10
—
150
VDD = 5.0 V ± 10%, PAD3V5V = 1(4)
10
—
250
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 °C to TA MAX, unless otherwise specified.
2. This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to RGM module section of device
reference manual).
3. CL includes device and package capacitance (CPKG < 5 pF).
4. The configuration PAD3V5 = 1 when VDD = 5 V is only transient configuration during power-up. All pads but RESET and
Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com