Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 47Page - STMicroelectronics SPC56AP60X Datasheet HTML 48Page - STMicroelectronics SPC56AP60X Datasheet HTML 49Page - STMicroelectronics SPC56AP60X Datasheet HTML 50Page - STMicroelectronics SPC56AP60X Datasheet HTML 51Page - STMicroelectronics SPC56AP60X Datasheet HTML 52Page - STMicroelectronics SPC56AP60X Datasheet HTML 53Page - STMicroelectronics SPC56AP60X Datasheet HTML 54Page - STMicroelectronics SPC56AP60X Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 105 page
background image
DocID18340 Rev 6
51/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
Figure 6. Independent ADC supply(e)
3.4
Recommended operating conditions
e. Device design targets the removal of this conditions. To be confirmed by design during device validation.
VDD_HV_AD
6.0V
VDD_HV_REG
-0.3V
2.7V
-0.3V
6.0V
Table 10. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Min
Max(1)
Unit
VSS_HV
SR Digital ground
—
0
0
V
VDD_HV_IOx(2)
SR
5.0 V input/output supply
voltage
—4.5
5.5
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FL
SR
5.0 V code and data flash
memory supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx + 0.1
VSS_HV_FL
SR
Code and data flash
memory ground
—0
0
V
VDD_HV_OSC
SR
5.0 V crystal oscillator
amplifier supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx + 0.1
VSS_HV_OSC
SR
5.0 V crystal oscillator
amplifier reference voltage
—0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com