Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP60X Datasheet(PDF) 100 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 100 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 96Page - STMicroelectronics SPC56AP60X Datasheet HTML 97Page - STMicroelectronics SPC56AP60X Datasheet HTML 98Page - STMicroelectronics SPC56AP60X Datasheet HTML 99Page - STMicroelectronics SPC56AP60X Datasheet HTML 100Page - STMicroelectronics SPC56AP60X Datasheet HTML 101Page - STMicroelectronics SPC56AP60X Datasheet HTML 102Page - STMicroelectronics SPC56AP60X Datasheet HTML 103Page - STMicroelectronics SPC56AP60X Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 105 page
background image
Package characteristics
SPC56xP54x, SPC56xP60x
100/105
DocID18340 Rev 6
b
0.170
0.220
0.270
0.0067
0.0087
0.0106
c
0.090
—
0.200
0.0035
—
0.0079
D
15.800
16.000
16.200
0.6220
0.6299
0.6378
D1
13.800
14.000
14.200
0.5433
0.5512
0.5591
D3
—
12.000
—
—
0.4724
—
E
15.800
16.000
16.200
0.6220
0.6299
0.6378
E1
13.800
14.000
14.200
0.5433
0.5512
0.5591
E3
—
12.000
—
—
0.4724
—
e
—
0.500
—
—
0.0197
—
L
0.450
0.600
0.750
0.0177
0.0236
0.0295
L1
—
1.000
—
—
0.0394
—
k
0.0 °
3.5 °
7.0 °
0.0 °
3.5 °
7.0 °
ccc(2)
0.080
0.0031
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Tolerance.
Table 43. LQFP100 mechanical data (continued)
Symbol
mm
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com