Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD IS COMM AND SHOULD
HAVE BOTH A GOOD THERMAL AND GOOD
ELECTRICAL CONNECTION TO GROUND.
TADJ/PWDN
NC
VPOS
COMM
VREF
VTGT
VPOS
COMM
PIN 1
INDICATOR
12
11
10
1
3
49
2
ADL5902
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
TADJ/PWDN
This is a dual function pin used for controlling the amount of nonlinear intercept temperature compensation at
voltages <2.5 V and/or for shutting down the device at voltages >4 V. If the shutdown function is not used, this pin
can be connected to the VREF pin through a voltage divider. See Figure 41 for an equivalent circuit.
2
NC
No Connect. Do not connect this pin.
3, 10
VPOS
Supply for the Device. Connect this pin to a 5 V power supply. Pin 3 and Pin 10 are not internally connected;
therefore, both must connect to the source.
4, 9, EPAD
COMM
System Common Connection. Connect these pins via low impedance to system common. The exposed paddle
is also COMM and must have both a good thermal and good electrical connection to ground.
5
CLPF
Connection for RMS Averaging Capacitor. Connect a ground-referenced capacitor to this pin. A resistor can be
connected in series with this capacitor to modify loop stability and response time. See Figure 43 for an
equivalent circuit.
6
VOUT
Output. In measurement mode, this pin is connected to VSET. In controller mode, this pin can drive a gain
control element. See Figure 43 for an equivalent circuit.
7
VSET
The voltage applied to this pin sets the decibel value of the required RF input voltage that results in zero
current flow in the loop integrating capacitor pin, CLPF. This pin controls the variable gain amplifier (VGA) gain
such that a 50 mV change in VSET changes the gain by approximately 1 dB. See Figure 42 for an equivalent circuit.
8
TEMP
Temperature Sensor Output of 1.4 V at 25°C with a Coefficient of 5 mV/°C. See Figure 38 for an equivalent circuit.
11
VREF
General-Purpose Reference Voltage Output of 2.3 V at 25°C. See Figure 39 for an equivalent circuit.
12
VTGT
The voltage applied to this pin determines the target power at the input of the RF squaring circuit. The intercept
voltage is proportional to the voltage applied to this pin. The use of a lower target voltage increases the crest
factor capacity; however, this can affect the system loop response. See Figure 44 for an equivalent circuit.
13
NC
No Connect. Do not connect this pin.
14
INHI
RF Input. The RF input signal is normally ac-coupled to this pin through a coupling capacitor. See Figure 37 for
an equivalent circuit.
15
INLO
RF Input Common. This pin is normally ac-coupled to ground through a coupling capacitor. See Figure 37 for
an equivalent circuit.
16
NC
No Connect. Do not connect this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com