Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5902ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
ADL5902
Data Sheet
Rev. B | Page 16 of 28
When forcing the previous identity by varying the VGA setpoint, it
is apparent that
RMS(VSIG) = √(Mean(VSIG2)) = √(VATG2) = VATG
(5)
Substituting the value of VSIG from Equation 2 results in
RMS(G0 × RFIN e
)
/
(
GNS
SET
V
V
) = VATG
(6)
When connected as a measurement device, VSET = VOUT. Solving
for VOUT as a function of RFIN,
VOUT = VSLOPE × log10(RMS(RFIN)/VZ)
(7)
where:
VSLOPE is 1.06 V/decade (or 53 mV/dB) at 2.14 GHz.
VZ is the intercept voltage.
When RMS(RFIN) = VZ, this implies that VOUT = 0 V because
log10(1) = 0. This makes the intercept the input that forces VOUT =
0 V if the ADL5902 had no sensitivity limit. The PINTERCEPT (in
decibels relative to 1 milliwatt, that is, dBm) corresponding to
Vz (in volts) in ADL5902 is given by the following equation:
PINTERCEPT = −(VPEDISTAL/VSLOPE) + PMINDET
(8)
where VPEDISTAL is the VSET interface pedestal voltage, and
PMINDET is the minimum detectable signal in decibels relative to
1 milliwatt, given by the following expression:
PMINDET = dBm (VATG) – GO
(9)
where dBm(VATG) is the equivalent power in decibels relative to
1 milliwatt corresponding to a given VTGT.
Combining Equation 8 and Equation 9 results in
PINTERCEPT = −(VPEDISTAL/VSLOPE) + dBm (VATG) – GO
(10)
For the ADL5902, VPEDISTAL is approximately 0.275 V and VATG is
given by VTGT/20. GO is 45 dB below approximately 4 GHz and
then decreases at higher frequencies. VTGT = 0.8 V; therefore,
VATG = 40 mV
and
dBm (VATG) = 10 log10((40 mV)2/50 Ω)/1 mW) ≈ −14.9 dBm
At 2.14 GHz, VSLOPE ≈ 53 mV/dB and GO at 2.14 GHz = 45 dB.
This results in a PINTERCEPT ≈ −65 dBm. This differs slightly from
the value in Table 1 due to the choice of calibration points and
the slight nonideality of the response.
In most applications, the AGC loop is closed through the setpoint
interface and the VSET pin. In measurement mode, VOUT is
directly connected to VSET (see the Measurement Mode Basic
Connections section for more information). In controller mode, a
control voltage is applied to VSET, and the VOUT pin typically
drives the control input of an amplification or attenuation system.
In this case, the voltage at the VSET pin forces a signal amplitude
at the RF inputs of the ADL5902 that balances the system
through feedback.
RF INPUT INTERFACE
Figure 37 shows the RF input connections within the ADL5902.
The input impedance is set primarily by an internal 2 kΩ resistor
connected between INHI and INLO. A dc level of approximately
half the supply voltage on each pin is established internally. Either
the INHI or INLO pin can be used as the single-ended RF input
pin. Signal coupling capacitors must be connected from the input
signal to the INHI and INLO pins. A single external 60.4 Ω resistor
to ground from the desired input creates an equivalent 50 Ω
impedance over a broad section of the operating frequency range.
The other input pin must be RF ac-coupled to common (ground).
The input signal high-pass corner formed by the input coupling
capacitor internal and external resistances is
fHIGHPASS = 1/(2 × π × 50 × C)
(11)
where C is the capacitance in farads and fHIGHPASS is in hertz. The
input coupling capacitors must be large enough in value to pass
the input signal frequency of interest and determine the low end
of the frequency response. INHI and INLO can also be driven
differentially using a balun.
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
INLO
INHI
VPOS
COMM
VBIAS
LOAD
2kΩ
2kΩ
Figure 37. RF Inputs
Extensive ESD protection is employed on the RF inputs, and
this protection limits the maximum possible input to the ADL5902.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com