Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5902ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5902ACPZ-R7
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5902ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5902ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
50 MHz to 9 GHz
65 dB TruPwr Detector
Data Sheet
ADL5902
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Accurate rms-to-dc conversion from 50 MHz to 9 GHz
Single-ended input dynamic range of 65 dB
No balun or external input matching required
Waveform and modulation independent, such as
GSM/CDMA/W-CDMA/TD-SCDMA/WiMAX/LTE
Linear-in-decibels output, scaled 53 mV/dB
Transfer function ripple: <±0.1 dB
Temperature stability: <±0.3 dB
All functions temperature and supply stable
Operates from 4.5 V to 5.5 V from −40°C to +125°C
Power-down capability to 1.5 mW
Pin-compatible with the 50 dB dynamic range AD8363
APPLICATIONS
Power amplifier linearization/control loops
Transmitter power controls
Transmitter signal strength indication (TSSI)
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
X2
X2
BIAS AND POWER-
DOWN CONTROL
1
NC
NC
NC
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
3
4
11
10
9
5
6
7
8
16
15
14
13
ADL5902
12
VREF
2.3V
TEMPERATURE
SENSOR
INLO
INHI
VPOS
POS
TEMP
VSET
VOUT
CLPF
COMM
COMM
VTGT
VREF
TADJ/PWDN
G = 5
ITGT
Figure 1.
GENERAL DESCRIPTION
The ADL5902 is a true rms responding power detector that has
a 65 dB measurement range when driven with a single-ended
50 Ω source. This feature makes the ADL5902 frequency
versatile by eliminating the need for a balun or any other form
of external input tuning for operation up to 9 GHz.
The ADL5902 provides a solution in a variety of high frequency
systems requiring an accurate measurement of signal power.
Requiring only a single supply of 5 V and a few capacitors, it is
easy to use and capable of being driven single-ended or with a
balun for differential input drive. The ADL5902 can operate
from 50 MHz to 9 GHz and can accept inputs from −62 dBm to
at least +3 dBm with large crest factors, such as GSM, CDMA,
W-CDMA, TD-SCDMA, WiMAX, and LTE modulated signals.
The ADL5902 can determine the true power of a high
frequency signal having a complex low frequency modulation
envelope or can be used as a simple low frequency rms
voltmeter. Used as a power measurement device, VOUT is
connected to VSET. The output is then proportional to the
logarithm of the rms value of the input. In other words, the reading
is presented directly in decibels and is scaled 1.06 V per decade,
or 53 mV/dB; other slopes are easily arranged. In controller mode,
the voltage applied to VSET determines the power level required at
the input to null the deviation from the set point. The output
buffer can provide high load currents.
The ADL5902 has 1.5 mW power consumption when powered
down by a logic high applied to the PWDN pin. It powers up
within approximately 5 μs to the nominal operating current of
73 mA at 25°C. The ADL5902 is supplied in a 4 mm × 4 mm,
16-lead LFCSP for operation over the wide temperature range
of −40°C to +125°C.
The ADL5902 is also pin-compatible with the AD8363, 50 dB
dynamic range TruPwr™ detector. This feature allows the
designer to create one circuit layout for projects requiring
different dynamic ranges. A fully populated RoHS-compliant
evaluation board is available.


Similar Part No. - ADL5902ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902ACPZ-R7 AD-ADL5902ACPZ-R7 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902ACPZ-R7 AD-ADL5902ACPZ-R7 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
More results

Similar Description - ADL5902ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8362 AD-AD8362 Datasheet
11Kb / 36P
50 Hz to 2.7 GHz 60 dB TruPwr??Detector
3/04-Data Sheet Changed from Rev. A to Rev. B.
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
AD8363 AD-AD8363 Datasheet
3Mb / 14P
50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
50 Hz to 6 GHz, 50 dB TruPwr Detector
3/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com